PART |
Description |
Maker |
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
FAN1086M25X FAN1086M285X FAN1086M33X FAN1086M5X FA |
1.5A Adjustable/Fixed Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 1.5A Adjustable Low Dropout Voltage Regulator (LDO) ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX6412UK22-T MAX6413UK22-T MAX6414UK22-T MAX6418U |
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Quad Low-Capacitance Array With /-15-kV ESD Protection 5-SOT -40 to 85 低功耗、单/双电压、微处理器复位电路,带有电容可调的复位超时周 Low-Capacitance 4-Channel /-15-kV ESD Protection Array for High-Speed Data Interfaces 6-SOT -40 to 85 Low-Power Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power / Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
MAX882 MAX882CPA MAX882CSA MAX882EPA MAX882ESA MAX |
5V/3.3V or Adjustable / Low-Dropout / Low IQ / 200mA Linear Regulators From old datasheet system 5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PQ07VZ012ZP PQ07VZ012ZZ PQ07VZ012ZPH PQ07VZ012ZSER |
LOW POWER-LOSS VOLTAGE REGULATOR 1.5 V-7 V ADJUSTABLE POSITIVE REGULATOR, PSSO5 VOLT REGULATOR|ADJUSTABLE| 1.5 TO 7V|BIPOLAR|SIP|5PIN|PLASTIC Low Power-Loss Voltage Regulators
|
SHARP ELECTRONICS CORP Sharp Electrionic Components Sharp Electrionic Compo...
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
MSK5012ZS |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR 1.3 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM5
|
M.S. Kennedy, Corp.
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
UZ1084-XX-TQ2-R UZ1084-XX-TQ3-R UZ1084-XX-TA3-T UZ |
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
UNISONIC TECHNOLOGIES CO LTD
|
ADSP-2195MBST-140X ADSP-2195MKST-160X ADSP-2195MBC |
DSP Microcomputer LM2991 Negative Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Container: Rail ADSP-2195M: 16-bit Fixed-Point DSP for Telecommunications Applications Preliminary Data Sheet (Rev. PrA. 9/01) LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Qty per Container: 25; Container: Rail
|
Analog Devices, Inc.
|